PART |
Description |
Maker |
LT3080 LT3080-1 LT1764A LT3007 LT3008 LT3020 LT302 |
3μA IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
|
Linear Technology
|
K4H560438D-NC/LA0 K4H560838D-NC/LA0 K4H560438D-NC/ |
256Mb sTSOPII 256Mb的sTSOPII DIODE ZENER SINGLE 300mW 10Vz 20mA-Izt 0.02513 0.1uA-Ir 8 SOT-23 3K/REEL DIODE ZENER SINGLE 200mW 9.1Vz 20mA-Izt 0.02592 0.1uA-Ir 7 SOD-323 3K/REEL DIODE ZENER TRIPLE ISOLATED 200mW 9.95Vz 20mA-Izt 0.02513 0.1uA-Ir 8 SOT-363 3K/REEL
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
MPF111 MPF112 MPF110 TP3329 |
TRANSISTOR | JFET | N-CHANNEL | 20V V(BR)DSS | 20MA I(DSS) | TO-92 TRANSISTOR | JFET | N-CHANNEL | 25V V(BR)DSS | 20MA I(DSS) | TO-92 TRANSISTOR | JFET | N-CHANNEL | 20MA I(DSS) | TO-92 TRANSISTOR | JFET | P-CHANNEL | 3MA I(DSS) | TO-92 晶体管|场效应| P通道| 3mA的我(直)|92
|
Electronic Theatre Controls, Inc.
|
EA401 EA404 EA406 EA432 EA430 EA444GR EA444GY EA33 |
Red, right angle, quad-level, mini LED. Lens diffused. Max.luminous intensity at 10mA 12.5mcd. Typ. forward voltage at 20mA 2.0V. Yellow, right angle, quad-level, mini LED. Lens diffused. Max.luminous intensity at 10mA 5.0mcd. Typ. forward voltage at 20mA 2.1V. Green, right angle, quad-level, mini LED. Lens diffused. Max.luminous intensity at 10mA 5.0mcd. Typ. forward voltage at 20mA 2.2V. Ultra bright green, right angle, quad LED. Lens diffused. Max.luminous intensity at 20mA: 60.0mcd. Typ. forward voltage at 20mA 2.2V. Ultra bright red, right angle, quad LED. Lens diffused. Max.luminous intensity at 20mA: 300.0mcd. Typ. forward voltage at 20mA 1.85V. Red & green, right angle, quad-level, mini LED. Lens white diffused. Max.luminous intensity at 10mA: 32.0mcd(red), 32.0mcd(green). Typ. forward voltage at 20mA: 2.0V(red), 2.2V(green). Green & yellow, right angle, quad-level, mini LED. Lens white diffused. Max.luminous intensity at 10mA: 32.0mcd(green), 20.0mcd(yellow). Typ. forward voltage at 20mA: 2.2V(green), 2.2V(yellow). Red, right angle, tri-level, T-1, LED. Lens diffused. Max.luminous intensity at 20mA 50mcd. Typ. forward voltage at 20mA 2.0V. Orange side viewing LED. Lens translucent. Typ.luminous intensity at 15mA 4.0mcd. Typ. forward voltage at 20mA 2.1V. Green side viewing LED. Lens translucent. Typ.luminous intensity at 15mA 4.0mcd. Typ. forward voltage at 20mA 2.1V. Ultra bright red, right angle, T-1 LED. Lens translucent. Max.luminous intensity at 20mA 500mcd. Typ. forward voltage at 20mA 1.85V.
|
Gilway Technical Lamp
|
LT3008 LT3008EDC LT3008EDC-PBF LT3008EDC-TR LT3008 |
3μA IQ, 20mA, 45V Low Dropout Linear Regulator 3渭A IQ, 20mA, 45V Low Dropout Linear Regulator 3楼矛A IQ, 20mA, 45V Low Dropout Linear Regulator
|
Linear Technology
|
HAL508UA-A HAL523SF-A HAL523SF-K HAL516SF-A HAL516 |
MAGNETIC FIELD SENSOR-HALL EFFECT, -2.3-2.3mT, 0-20mA, RECTANGULAR, THROUGH HOLE MOUNT MAGNETIC FIELD SENSOR-HALL EFFECT, 20.7-13.5mT, 0-20mA, RECTANGULAR, THROUGH HOLE MOUNT PLASTIC, TO-92UA-1, 3 PIN Hall-Effect Sensor Family
|
Micronas Semiconductor Holding AG
|
CL320 |
3-Channel 20mA Linear LED Driver
|
Supertex
|
420E225 420E228 420E260 420E212 420E236 420E250 |
DUAL 4-20mA CONTROL LOOP PROTECTOR
|
PROTEC[Protek Devices]
|
ISO1003-XX-X |
Two Wires 4-20mA Isolated Signal Transmitter
|
YUAN
|
1600DGH500ACEGA 1600DGH150ACEGA 1600CG1G50ACEGA 16 |
GAGE, STRAIN GUAGE PRESSURE SENSOR, 0-5000Psi, 0.5%, 1-11V GAGE, STRAIN GUAGE PRESSURE SENSOR, 0-1500Psi, 0.5%, 1-11V GAGE, STRAIN GUAGE PRESSURE SENSOR, -15-135Psi, 0.5%, 1-6V GAGE, STRAIN GUAGE PRESSURE SENSOR, -15-0Psi, 0.5%, 4-20mA GAGE, STRAIN GUAGE PRESSURE SENSOR, -15-285Psi, 0.5%, 4-20mA GAGE, STRAIN GUAGE PRESSURE SENSOR, -15-135Psi, 0.5%, 4-20mA
|
GEMS SENSORS & CONTROLS
|
|